PART |
Description |
Maker |
RFT3055 RFT3055LE HGTG20N120CND FN4537 |
2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET 2.0安培0V的,0.150 Ohm的N通道,逻辑层次,额定静电,功率MOSFET 2.0A/ 60V/ 0.150 Ohm/ N-Channel/ Logic Level/ ESD Rated/ Power MOSFET 63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 2.0A 60V 0.150 Ohm N-Channel Logic Level ESD Rated Power MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp. INTERSIL[Intersil Corporation]
|
FDPF79N15 |
150V N-Channel MOSFET 79 A, 150 V, 0.03 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
FQI45N15V2 FQB45N15V2 |
ENHANCED VGA/PS2/PS2 10FT CPU CABLE 45 A, 150 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET 150V N-Channel MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
PPFL3803M |
N Channel MOSFET; Package: TO-254; ID (A): 35; RDS(on) (Ohms): 0.0095; PD (W): 150; BVDSS (V): 30; Rq: 0.83; 35 A, 30 V, 0.0095 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
RJK1536DPN-00-02 RJK1536DPN-15 |
N-Channel Power MOSFET High-Speed Switching Use 50 A, 150 V, 0.03 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB SC-46, 3 PIN
|
http:// LEDtronics, Inc. Renesas Electronics Corporation
|
AP13P15GJ-HF AP13P15GH-HF |
13 A, 150 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-251 HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 13 A, 150 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252 HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 Lower On-resistance, Simple Drive Requirement
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
VRF152E VRF152EMP VRF152E10 |
RF MOSFET (VDMOS) for 50V operation; P(out) (W): 150; P(in) (W): 6; Gain (dB): 14; VDD (V): 50; Coss (pF): 220; Case Style: M174 VHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER VERTICAL MOSFET
|
Microsemi, Corp. Microsemi Corporation
|
STF23NM60N STI23NM60N STW23NM60N STP23NM60N STB23N |
N-channel 600 V - 0.150 ヘ - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh⑩ Power MOSFET N-channel 600 V - 0.150 Ω - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh?/a> Power MOSFET N-channel 600 V - 0.150 Ω - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh Power MOSFET N-channel 600 V - 0.150 楼? - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh垄芒 Power MOSFET
|
http:// STMicroelectronics
|
SI7439DP-T1-E3 SI7439DP |
P-Channel 150-V (D-S) MOSFET P通道150 -五(副)MOSFET
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
IRFR6215PBF IRFU6215PBF IRFR6215TR IRFR6215TRL IRF |
Advanced Process Technology HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 13 A, 150 V, 0.295 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA 175°C Operating Temperature
|
International Rectifier
|
AM30N15-60D |
N-Channel 150-V (D-S) MOSFET
|
Analog Power
|
|